PART |
Description |
Maker |
TMP4260P TMP4240 TMP4240P |
NMOS 4-BIT MICROCONTROLLER
|
TOSHIBA[Toshiba Semiconductor]
|
M2732A 2377 M2732A-20F1 M2732A-2F6 M2732A-3F1 M273 |
NMOS 32K (4K x 8) UV EPROM, 250ns From old datasheet system NMOS 32K 4K x 8 UV EPROM NMOS 32K (4K x 8) UV EPROM(NMOS 32K紫外线擦除EPROM)
|
SGS Thomson Microelectronics STMicroelectronics 意法半导
|
Z84C0020 |
NMOS/CMOS Z80 CPU CENTRAL PROCESSING UNIT NMOS Z80的处理器的CMOS中央处理单元
|
ZiLOG, Inc.
|
LT1129CQ-5TRPBF LT1129CQTRPBF LT1129CQ-3.3PBF LT11 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.8 V-30 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 Micropower Low Dropout Regulators with Shutdown; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSFM5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO8 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSFM5 400mV Dropout Voltage
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LM7005 |
NMOS LSI
|
Sanyo
|
LD87C51FB-1 TP80C51FA N80C51FA-24 LN80C51FA-1 D83C |
8-BIT, MROM, 33 MHz, MICROCONTROLLER, CDIP40 8-BIT, 16 MHz, MICROCONTROLLER, PQCC44 8-BIT, 24 MHz, MICROCONTROLLER, PQCC44 EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER 8-BIT, 12 MHz, MICROCONTROLLER, PDIP40 8-Bit MCU: CISC: EPROM: MCS51 Family
|
INTEL CORP Intel, Corp.
|
UPD50HC-033 |
NMOS Printer Controller
|
ETC
|
UPD41464C UPD41464C-10 UPD41464C-12 UPD41464C-80 U |
DYNAMIC NMOS RAM
|
NEC[NEC]
|
UPD4168 |
8192 x 8 Bit NMOS XRAM
|
NEC
|
HN27256G-25 |
32K x 8 nMOS EPROM Memory
|
Hitachi Semiconductor
|
|